PART |
Description |
Maker |
LC66404A LC66P516 LC66304A LC66306A LC66308A LC663 |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications 3-Line to 8-Line Decoder / Demultiplexer 16-TVSOP -40 to 85 4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS 4K/6K/8K-BYTE光盘含单芯片4位微机控制为导向的应
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd. Sanyo Electric Co., Ltd.
|
LC865508A |
8-Bit Single Chip Microcontroller with On-Chip 8K-Byte ROM and 512-Byte RAM(8位单片微控制器(带片K字节ROM12字节RAM
|
Sanyo Electric Co.,Ltd.
|
LC865520B LC865512B LC865516B LC865504B LC865508B |
8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
LC86F1216A |
8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip
|
Sanyo Semicon Device
|
LC866020 LC866012 LC866016 LC866008C LC866012C LC8 |
8-BIT, MROM, 12.24 MHz, MICROCONTROLLER, PDIP64 CMOS IC 8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08K-Byte ROM and 384-Byte RAM
|
Sanyo
|
ENA0125B |
CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC877680B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC875J48C LC875J56C LC875J64C |
ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC875J72B LC875J80B |
ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC875G08A LC875G16A LC875G24A LC875G32A |
ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC876564A LC876572 LC876572A |
CMOS IC 8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
|
SANYO[Sanyo Semicon Device]
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|